Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH50N90B2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH50N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N90B2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH50N90B2 Datasheet HTML 1Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 2Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 3Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 4Page - IXYS Corporation IXGH50N90B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 50N90B2
IXGT 50N90B2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1
6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C110 A; V
CE = 10 V,
25
40
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
2500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
180
pF
C
res
75
pF
Q
g
135
nC
Q
ge
I
C = IC110 A, VGE = 15 V, VCE = 0.5 VCES
23
nC
Q
gc
50
nC
t
d(on)
20
ns
t
ri
28
ns
t
d(off)
350
500
ns
t
fi
200
ns
E
off
4.7
7.5 mJ
t
d(on)
20
ns
t
ri
28
ns
E
on
0.7
mJ
t
d(off)
400
ns
t
fi
420
ns
E
off
8.7
mJ
R
thJC
0.31 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC110 A, VGE = 15 V
V
CE = 720 V, RG = Roff = 5 Ω
Inductive load, T
J = 125°
°°°°C
I
C = IC110 A, VGE = 15 V
V
CE = 720 V, RG = Roff = 5 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
(Dimensions in inches and mm)


Similar Part No. - IXGH50N90B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH50N90B2D1 IXYS-IXGH50N90B2D1 Datasheet
208Kb / 7P
   HiPerFAST IGBT with Fast Diode
More results

Similar Description - IXGH50N90B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
   HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
99161 IXYS-99161 Datasheet
514Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com