Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH40N120C3D1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGH40N120C3D1
Description  GenX3 C3-Class IGBT w/Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N120C3D1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGH40N120C3D1 Datasheet HTML 1Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 2Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 3Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 4Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 5Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 6Page - IXYS Corporation IXGH40N120C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXGH40N120C3D1
Fig. 1. Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
01
23456
VCE - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
25
50
75
100
125
150
175
200
225
250
0
3
6
9
12
15
18
21
24
27
30
VCE - Volts
VGE = 15V
13V
7V
9V
11V
5V
Fig. 3. Output Characteristics
@ 125ºC
0
10
20
30
40
50
60
70
80
01
2
3
45
6
VCE - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 80A
I C = 40A
I C = 20A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
56
78
9
10
11
12
13
14
15
VGE - Volts
I C = 80A
TJ = 25ºC
40A
20A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGH40N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
   GenX3 1200V IGBT
More results

Similar Description - IXGH40N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH36N60B3D1 IXYS-IXGH36N60B3D1 Datasheet
180Kb / 7P
   GenX3 600V IGBT w/ Diode
IXGK72N60A3H1 IXYS-IXGK72N60A3H1 Datasheet
235Kb / 7P
   GenX3 600V IGBT w/Diode
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
   GenX3 600V IGBT with Diode
IXGA30N60C3D4 IXYS-IXGA30N60C3D4 Datasheet
294Kb / 7P
   GenX3 600V IGBT With Diode
IXGH48N60B3D1 IXYS-IXGH48N60B3D1 Datasheet
208Kb / 7P
   GenX3 600V IGBT with Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
   GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
   GenX3 1400V IGBTs w/ Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
   GenX3 600V IGBT with Diode
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
   GenX3 600V IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com