Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566C-AFN-CU0V0342 Datasheet(PDF) 5 Page - Cree, Inc

Part # C566C-AFN-CU0V0342
Description  5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-AFN-CU0V0342 Datasheet(HTML) 5 Page - Cree, Inc

  C566C-AFN-CU0V0342 Datasheet HTML 1Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 2Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 3Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 4Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 5Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 6Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 7Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 8Page - Cree, Inc C566C-AFN-CU0V0342 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
C566C-BFS-CS0W0351
770
4180
B3
460
B5
475
Bulk
Yes
Blue
C566C-BFS-CS0W0451
770
4180
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CT0U0341
1100
2130
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CT0U0451
1100
2130
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFS-CU0V0341
1520
3000
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFS-CU0V0451
1520
3000
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFN-CS0W0351
770
4180
B3
460
B5
475
Bulk
No
Blue
C566C-BFN-CS0W0451
770
4180
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CT0U0341
1100
2130
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CT0U0451
1100
2130
B4
465
B5
475
Bulk
No
Blue
C566C-BFN-CU0V0341
1520
3000
B3
460
B4
470
Bulk
No
Blue
C566C-BFN-CU0V0451
1520
3000
B4
465
B5
475
Bulk
No
Blue
C566C-BFS-CS0W0352
770
4180
B3
460
B5
475
Ammo
Yes
Blue
C566C-BFS-CS0W0452
770
4180
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CT0U0342
1100
2130
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CT0U0452
1100
2130
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFS-CU0V0342
1520
3000
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFS-CU0V0452
1520
3000
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFN-CS0W0352
770
4180
B3
460
B5
475
Ammo
No
Blue
C566C-BFN-CS0W0452
770
4180
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CT0U0342
1100
2130
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CT0U0452
1100
2130
B4
465
B5
475
Ammo
No
Blue
C566C-BFN-CU0V0342
1520
3000
B3
460
B4
470
Ammo
No
Blue
C566C-BFN-CU0V0452
1520
3000
B4
465
B5
475
Ammo
No


Similar Part No. - C566C-AFN-CU0V0342

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C-AFN-CU0V0342 MARKTECH-C566C-AFN-CU0V0342 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-AFN-CU0V0342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
   5mm Oval Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com