Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C566C-BFN-CU0V0452 Datasheet(PDF) 2 Page - Cree, Inc

Part # C566C-BFN-CU0V0452
Description  5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-BFN-CU0V0452 Datasheet(HTML) 2 Page - Cree, Inc

  C566C-BFN-CU0V0452 Datasheet HTML 1Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 2Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 3Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 4Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 5Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 6Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 7Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 8Page - Cree, Inc C566C-BFN-CU0V0452 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red and Amber
Blue and Green
Forward Current
I
F
50 Note1
35
mA
Peak Forward Current Note2
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
130
140
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1. For long-term performance, the drive currents between 10 mA and 30 mA are recommended. Please contact a
Cree sales representative for more information on recommended drive conditions.
2. Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 20 mA
V
2.1
2.6
Blue/Green
V
F
I
F = 20 mA
V
3.4
4.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 20 mA
nm
619
621
624
Green
λ
D
I
F = 20 mA
nm
520
527
535
Blue
λ
D
I
F = 20 mA
nm
460
470
475
Amber
λ
D
I
F = 20 mA
nm
584
591
596
Luminous Intensity
Red
I
V
I
F = 20 mA
mcd
1100
2200
Green
I
V
I
F = 20 mA
mcd
2130
5200
Blue
I
V
I
F = 20 mA
mcd
770
1500
Amber
I
V
I
F = 20 mA
mcd
1520
2500


Similar Part No. - C566C-BFN-CU0V0452

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C-BFN-CU0V0452 MARKTECH-C566C-BFN-CU0V0452 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-BFN-CU0V0452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
   5mm Oval Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com