Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP41B-WGS-CN0P0134 Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41B-WGS-CN0P0134
Description  P4 LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-WGS-CN0P0134 Datasheet(HTML) 3 Page - Cree, Inc

  CP41B-WGS-CN0P0134 Datasheet HTML 1Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 2Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 3Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 4Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 5Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 6Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 7Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 8Page - Cree, Inc CP41B-WGS-CN0P0134 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT1092.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 30 mA)
VF Bin Limit (I
F = 30 mA)
Cool White (CP41B-WES/WGS)
Bin Code
Min.(mlm)
Max.(mlm)
K0
3850
4400
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
Cool White (CP41B-WES/WGS)
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
2e
4.2
4.4
Tolerance of measurement of luminous flux is ±15%.
Tolerance of
measurement of
VF is ±0.05 V.
Color Bin Limit (I
F = 30 mA)
Bin
Code
Sub-
bin
x
y
W1
Wa
0.2545
0.2480
0.2633
0.2410
0.2545
0.2245
0.2450
0.2290
Wb
0.2633
0.2410
0.2720
0.2340
0.2640
0.2200
0.2545
0.2245
Wc
0.2545
0.2480
0.2640
0.2670
0.2720
0.2575
0.2633
0.2410
Wd
0.2633
0.2410
0.2720
0.2575
0.2800
0.2480
0.2720
0.2340
W2
We
0.2640
0.2670
0.2735
0.2860
0.2808
0.2740
0.2720
0.2575
Wf
0.2720
0.2575
0.2808
0.2740
0.2880
0.2620
0.2800
0.2480
Wg
0.2735
0.2860
0.2830
0.3050
0.2895
0.2905
0.2808
0.2740
Wh
0.2808
0.2740
0.2895
0.2905
0.2960
0.2760
0.2880
0.2620
Bin
Code
Sub-
bin
x
y
W3
Wj
0.2830
0.3050
0.2950
0.3210
0.2998
0.3028
0.2895
0.2905
Wk
0.2895
0.2905
0.2998
0.3028
0.3045
0.2865
0.2960
0.2760
Wm
0.2950
0.3210
0.3070
0.3370
0.3100
0.3150
0.2998
0.3028
Wn
0.2998
0.3028
0.3100
0.3150
0.3130
0.2970
0.3045
0.2865
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
Tolerance of measurement of the
color coordinates is ±0.01.


Similar Part No. - CP41B-WGS-CN0P0134

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WGS-CN0P0134 MARKTECH-CP41B-WGS-CN0P0134 Datasheet
651Kb / 9P
   Cree짰 P4 LED
More results

Similar Description - CP41B-WGS-CN0P0134

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com