Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP41B-RFS-CN0P0EE4 Datasheet(PDF) 7 Page - Cree, Inc

Part # CP41B-RFS-CN0P0EE4
Description  P4 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RFS-CN0P0EE4 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CP41B-RFS-CN0P0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 9Page - Cree, Inc CP41B-RFS-CN0P0EE4 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
FIG.7 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 70
IV(%)
Angle
FIG.8 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 100
IV(%)
Angle
CP41B-RHS/AHS
CP41B-RFS
FIG.9 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 100
IV(%)
Angle
CP41B-AFS
Graphs


Similar Part No. - CP41B-RFS-CN0P0EE4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-RFS-CN0P0EE4 MARKTECH-CP41B-RFS-CN0P0EE4 Datasheet
626Kb / 10P
   Cree짰 P4 LED
More results

Similar Description - CP41B-RFS-CN0P0EE4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com