Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV6A-FKB-CKNPRGJBB7A363 Datasheet(PDF) 5 Page - Cree, Inc

Part # CLV6A-FKB-CKNPRGJBB7A363
Description  PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV6A-FKB-CKNPRGJBB7A363 Datasheet(HTML) 5 Page - Cree, Inc

  CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 1Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 2Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 3Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 4Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 5Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 6Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 7Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 8Page - Cree, Inc CLV6A-FKB-CKNPRGJBB7A363 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.


Similar Part No. - CLV6A-FKB-CKNPRGJBB7A363

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV6A-FKB-CKNPRGJBB7a363 MARKTECH-CLV6A-FKB-CKNPRGJBB7a363 Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CLV6A-FKB-CKNPRGJBB7A363

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6D-FKB CREE-CLV6D-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com