Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3A-MKW Datasheet(PDF) 7 Page - Cree, Inc

Part # CLM3A-MKW
Description  1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3A-MKW Datasheet(HTML) 7 Page - Cree, Inc

Back Button CLM3A-MKW Datasheet HTML 2Page - Cree, Inc CLM3A-MKW Datasheet HTML 3Page - Cree, Inc CLM3A-MKW Datasheet HTML 4Page - Cree, Inc CLM3A-MKW Datasheet HTML 5Page - Cree, Inc CLM3A-MKW Datasheet HTML 6Page - Cree, Inc CLM3A-MKW Datasheet HTML 7Page - Cree, Inc CLM3A-MKW Datasheet HTML 8Page - Cree, Inc CLM3A-MKW Datasheet HTML 9Page - Cree, Inc CLM3A-MKW Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
WL(nm)
80%
20%
40%
60%
0%
100%
600
400
500
450
550
650
700
(RELATIVE LUMINOUS INTENSITY)
750
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
-10
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
IF(mA)
0
30
10
20
50
40
40
20
80
60
100
0
Ta( C)
FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 120
Angle
FIG.6 FAR FIELD PATTERN
IF(mA)
VF(V)
IF (mA)
0.0
1.0
4.0
2.0
3.0
5.0
20
0
10
40
30
50
3.6
2.8
3.2
3.0
3.4
3.8
10.0
20.0
40.0
30.0
50.0
0.0
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
Rth j-a=450 C/W


Similar Part No. - CLM3A-MKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3A-MKW-CVbXa133 MARKTECH-CLM3A-MKW-CVbXa133 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-MKW-CVbXa233 MARKTECH-CLM3A-MKW-CVbXa233 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-MKW-CVbXa513 MARKTECH-CLM3A-MKW-CVbXa513 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-MKW-CWaXa233 MARKTECH-CLM3A-MKW-CWaXa233 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-MKW-CWaXa513 MARKTECH-CLM3A-MKW-CWaXa513 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3A-MKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-PKW CREE-CLM4B-PKW Datasheet
420Kb / 8P
   1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW_2 Datasheet
439Kb / 8P
   1 in 1 SMD LED
CLM2B-REW CREE-CLM2B-REW Datasheet
484Kb / 8P
   1 in 1 SMD LED
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM4B-BKW CREE-CLM4B-BKW Datasheet
287Kb / 6P
   PLCC4 1-in-1 SMD LED
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-GPC CREE-CLM2D-GPC Datasheet
826Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-RPC CREE-CLM2D-RPC Datasheet
817Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com