Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3A-WKW Datasheet(PDF) 10 Page - Cree, Inc

Part # CLM3A-WKW
Description  1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM3A-WKW Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLM3A-WKW Datasheet HTML 2Page - Cree, Inc CLM3A-WKW Datasheet HTML 3Page - Cree, Inc CLM3A-WKW Datasheet HTML 4Page - Cree, Inc CLM3A-WKW Datasheet HTML 5Page - Cree, Inc CLM3A-WKW Datasheet HTML 6Page - Cree, Inc CLM3A-WKW Datasheet HTML 7Page - Cree, Inc CLM3A-WKW Datasheet HTML 8Page - Cree, Inc CLM3A-WKW Datasheet HTML 9Page - Cree, Inc CLM3A-WKW Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Packaging
The boxes are not water-resistant, and they must be kept away from water and moisture.
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
The reel pack is applied in SMD LED.
Max 2500 pcs per reel.
(240x220x35mm)
A CARTON
POLYETHYLENE BAG
HUMIDITY
REEL(178x8mm)
INDICATOR
DESICCANT
D AN GE RO US
D O N O T EAT
COVER TAPE
PACKAGE MARKING
CARRIER TAPE
4.0
1.5
2.25
4.0
T APE FEED DIRECTION
Label
Label
Label
V102
H UMIDITY IN DICA TOR
HUMICHECK
w ww .v itapac.com


Similar Part No. - CLM3A-WKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW-CWaXa153 MARKTECH-CLM3A-WKW-CWaXa153 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW-CWaXa453 MARKTECH-CLM3A-WKW-CWaXa453 Datasheet
376Kb / 10P
   Cree짰 PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3A-WKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-PKW CREE-CLM4B-PKW Datasheet
420Kb / 8P
   1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW_2 Datasheet
439Kb / 8P
   1 in 1 SMD LED
CLM2B-REW CREE-CLM2B-REW Datasheet
484Kb / 8P
   1 in 1 SMD LED
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM4B-BKW CREE-CLM4B-BKW Datasheet
287Kb / 6P
   PLCC4 1-in-1 SMD LED
CLM2D-CPC CREE-CLM2D-CPC Datasheet
812Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-GPC CREE-CLM2D-GPC Datasheet
826Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM2D-RPC CREE-CLM2D-RPC Datasheet
817Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com