Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT30N60C2D1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGT30N60C2D1
Description  HiPerFAST IGBT with Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT30N60C2D1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGT30N60C2D1 Datasheet HTML 1Page - IXYS Corporation IXGT30N60C2D1 Datasheet HTML 2Page - IXYS Corporation IXGT30N60C2D1 Datasheet HTML 3Page - IXYS Corporation IXGT30N60C2D1 Datasheet HTML 4Page - IXYS Corporation IXGT30N60C2D1 Datasheet HTML 5Page - IXYS Corporation IXGT30N60C2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
T
J = 25°C
200
µA
V
GE = 0 V
T
J = 125°C3
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 24 A, V
GE = 15 V
T
J = 25°C
2.7
V
T
J = 125°C
1.8
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
(limited by leads)
70
A
I
C110
T
C = 110°C30
A
I
CM
T
C = 25°C, 1 ms
150
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 60
A
(RBSOA)
Clamped inductive load @
≤ 600 V
P
C
T
C = 25°C
190
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Plastic body for 10s
250
°C
M
d
Mounting torque (TO-247)
1.13/10Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
DS99169A(01/05)
Features
Very high frequency IGBT
Square RBSOA
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speed for high
frequency aaplications
High power surface mountable
package
V
CES
= 600 V
I
C25
=
70 A
V
CE(sat)
=
2.7 V
t
fi
typ
=
32 ns
HiPerFASTTM IGBT
with Diode
C2-Class High Speed IGBTs
IXGH 30N60C2D1
IXGT 30N60C2D1
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
C (TAB)
G
C
E
TO-247 AD (IXGH)
TO-268 (IXGT)
G
E
C (TAB)


Similar Part No. - IXGT30N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT30N60C2 IXYS-IXGT30N60C2 Datasheet
589Kb / 5P
   HiPerFAST IGBT
More results

Similar Description - IXGT30N60C2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
IXGH30N60BU1 IXYS-IXGH30N60BU1 Datasheet
141Kb / 5P
   HiPerFAST IGBT with Diode
IXGK60N60B2D1 IXYS-IXGK60N60B2D1 Datasheet
622Kb / 6P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com