Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH30N60B2D1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH30N60B2D1
Description  HiPerFAST IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH30N60B2D1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH30N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXGH30N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXGH30N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXGH30N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXGH30N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXGH30N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
T
J = 25°C
200
µA
V
GE = 0 V
T
J = 150°C3
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 24 A, V
GE = 15 V
T
J = 25°C
1.8
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
(limited by leads)
70
A
I
C110
T
C = 110°C30
A
I
CM
T
C = 25°C, 1 ms
150
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 60
A
(RBSOA)
Clamped inductive load @
≤ 600 V
P
C
T
C = 25°C
190
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque (M3) (TO-247)
1.13/10Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
DS99134A(04/04)
Features
Medium frequency IGBT
Square RBSOA
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
V
CES
= 600 V
I
C25
=
70 A
V
CE(sat)
< 1.8 V
t
fi typ
=
82 ns
HiPerFASTTM IGBT
Optimized for 10-25 KHz hard
switching and up to 150 KHz
resonant switching
IXGH 30N60B2D1
IXGT 30N60B2D1
Advance Technical Data
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 AD (IXGH)
TO-268 (IXGT)
E
C (TAB)
G


Similar Part No. - IXGH30N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30N60B2 IXYS-IXGH30N60B2 Datasheet
583Kb / 5P
   HiPerFAST IGBT
More results

Similar Description - IXGH30N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGK35N120C IXYS-IXGK35N120C Datasheet
128Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com