Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT28N60B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGT28N60B
Description  Low V IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT28N60B Datasheet(HTML) 3 Page - IXYS Corporation

  IXGT28N60B Datasheet HTML 1Page - IXYS Corporation IXGT28N60B Datasheet HTML 2Page - IXYS Corporation IXGT28N60B Datasheet HTML 3Page - IXYS Corporation IXGT28N60B Datasheet HTML 4Page - IXYS Corporation IXGT28N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2003 IXYS All rights reserved
IXGH 28N60B
IXGT 28N60B
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
40
80
120
160
200
240
0
2
4
6
8
1012 1416 1820
V
C E - V olts
VGE = 15V
5V
7V
9V
11V
13V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
60
0.51
1.5
2
2.533.5
V
CE - V olts
VGE = 15V
13V
11V
9V
7V
5V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
V
C E - V olts
VGE = 15V
13V
11V
9V
7V
5V
Fig. 4. Dependence of V
CE(sat) on
Tem perature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
IC = 28A
IC = 14A
V
GE = 15V
IC = 56A
Fig. 5. Collector-to-Em itter Voltage
vs. Gate-to-Em itter voltage
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12 13
14
15 16
17
V
G E - Volts
TJ = 25ºC
IC = 56A
28A
14A
Fig. 6. Input Adm ittance
0
10
20
30
40
50
60
70
80
90
45
6
7
89
V
G E - V olts
TJ = 125ºC
25ºC
-40ºC


Similar Part No. - IXGT28N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT28N60BD1 IXYS-IXGT28N60BD1 Datasheet
57Kb / 2P
   Low VCE(sat) IGBT with Diode
More results

Similar Description - IXGT28N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
   Low V IGBT High speed IGBT
IXGH40N120A2 IXYS-IXGH40N120A2 Datasheet
178Kb / 5P
   High Voltage IGBT Low V
IXGH25N100 IXYS-IXGH25N100 Datasheet
110Kb / 4P
   Low V High speed IGBT
IXGH31N60D1 IXYS-IXGH31N60D1 Datasheet
57Kb / 2P
   Ultra-Low V IGBT with Diode
logo
Dynex Semiconductor
GP1201FSS18 DYNEX-GP1201FSS18 Datasheet
127Kb / 9P
   Single Switch Low V IGBT Module
logo
Semikron International
SKM600GA12V SEMIKRON-SKM600GA12V_12 Datasheet
170Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
SKM50GB12V SEMIKRON-SKM50GB12V_16 Datasheet
282Kb / 6P
   V-IGBT = 6. Generation Trench V-IGBT
SKM400GA12V SEMIKRON-SKM400GA12V_12 Datasheet
169Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
SKM400GAR12V SEMIKRON-SKM400GAR12V Datasheet
202Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
logo
IXYS Corporation
IXSH16N60U1 IXYS-IXSH16N60U1 Datasheet
40Kb / 2P
   Low V CE(sat) IGBT with Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com