Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK400-100 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK400-100
Description  AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-100 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  STK400-100 Datasheet HTML 1Page - Sanyo Semicon Device STK400-100 Datasheet HTML 2Page - Sanyo Semicon Device STK400-100 Datasheet HTML 3Page - Sanyo Semicon Device STK400-100 Datasheet HTML 4Page - Sanyo Semicon Device STK400-100 Datasheet HTML 5Page - Sanyo Semicon Device STK400-100 Datasheet HTML 6Page - Sanyo Semicon Device STK400-100 Datasheet HTML 7Page - Sanyo Semicon Device STK400-100 Datasheet HTML 8Page - Sanyo Semicon Device STK400-100 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
The STK400-050 has six power transistors, so the thermal resistance per transistor
θj-c is 1.8°C / W. With an assured
ambient temperature Ta of 50°C, the required radiator thermal resistance
θc-a would be:
From expression (1)'
θc-a <(125–50)/42.5
<1.76
From expression (2)'
θc-a <(150–50)/42.5–1.8/6
<2.05
To satisfy both, 1.76°C/W is the required radiator thermal resistance.
Figure 2 illustrates Pd - PO when the VCC of STK400-050 is ±19V and RL is functioning at 3Ω.
Pd = 51W (1/10 PO max = during 3W)
From expression (1)'
θc-a <(125–50)-51
<1.47
From expression (2)'
θc-a <(150-50)/51-1.8/6
<1.66
To satisfy both, 1.47°C / W is the required radiator thermal resistance. This design example is based on a fixed voltage
supply, and will require verification within your specific set environment.
No. 4340-7/9
STK400-050


Similar Part No. - STK400-100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-100 SANYO-STK400-100 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-100 SANYO-STK400-100 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-100 SANYO-STK400-100 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-100 SANYO-STK400-100 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-100 SANYO-STK400-100 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK400-100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-050 SANYO-STK401-050 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
STK4028V SANYO-STK4028V Datasheet
255Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.08%)?
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com