Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH28N60B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH28N60B
Description  Low V IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH28N60B Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH28N60B Datasheet HTML 1Page - IXYS Corporation IXGH28N60B Datasheet HTML 2Page - IXYS Corporation IXGH28N60B Datasheet HTML 3Page - IXYS Corporation IXGH28N60B Datasheet HTML 4Page - IXYS Corporation IXGH28N60B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2003 IXYS All rights reserved
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C40
A
I
C90
T
C = 90°C28
A
I
CM
T
C = 25°C, 1 ms
80
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 56
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C = 25°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque (M3) TO-247
1.13/10 Nm/lb.in.
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Weight
TO-247
6
g
TO-268
4
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.5
V
I
CES
V
CE = VCES
T
J = 25°C
100
µA
V
GE = 0 V
T
J = 125°C
500
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.0
V
Low V
CE(sat) IGBT
V
CES
= 600 V
I
C25
= 40 A
V
CE(sat)
= 2.0 V
Features
International standard packages
Low V
CE(sat)
- for minimum on-state conduction
losses
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
AC motor speed control
DC servo and robot drives
DC choppers
Uninterruptible power supplies (UPS)
Switch-mode and resonant-mode
power supplies
Advantages
Easy to mount with 1 screw
(isolated mounting screw hole)
Low losses, high efficiency
High power density
DS98570A(08/03)
IXGH 28N60B
IXGT 28N60B
C (TAB)
G
C
E
TO-247 AD
(IXGH)
TO-268
(IXGT)
G
E
C (TAB)


Similar Part No. - IXGH28N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH28N60B3D1 IXYS-IXGH28N60B3D1 Datasheet
72Kb / 2P
   PolarHV IGBT
IXGH28N60BD1 IXYS-IXGH28N60BD1 Datasheet
57Kb / 2P
   Low VCE(sat) IGBT with Diode
More results

Similar Description - IXGH28N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
   Low V IGBT High speed IGBT
IXGH40N120A2 IXYS-IXGH40N120A2 Datasheet
178Kb / 5P
   High Voltage IGBT Low V
IXGH25N100 IXYS-IXGH25N100 Datasheet
110Kb / 4P
   Low V High speed IGBT
IXGH31N60D1 IXYS-IXGH31N60D1 Datasheet
57Kb / 2P
   Ultra-Low V IGBT with Diode
logo
Dynex Semiconductor
GP1201FSS18 DYNEX-GP1201FSS18 Datasheet
127Kb / 9P
   Single Switch Low V IGBT Module
logo
Semikron International
SKM600GA12V SEMIKRON-SKM600GA12V_12 Datasheet
170Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
SKM50GB12V SEMIKRON-SKM50GB12V_16 Datasheet
282Kb / 6P
   V-IGBT = 6. Generation Trench V-IGBT
SKM400GA12V SEMIKRON-SKM400GA12V_12 Datasheet
169Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
SKM400GAR12V SEMIKRON-SKM400GAR12V Datasheet
202Kb / 5P
   V-IGBT = 6. Generation Trench V-IGBT
logo
IXYS Corporation
IXSH16N60U1 IXYS-IXSH16N60U1 Datasheet
40Kb / 2P
   Low V CE(sat) IGBT with Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com