Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT24N170AH1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGT24N170AH1
Description  High Voltage IGBTs w/Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT24N170AH1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGT24N170AH1 Datasheet HTML 1Page - IXYS Corporation IXGT24N170AH1 Datasheet HTML 2Page - IXYS Corporation IXGT24N170AH1 Datasheet HTML 3Page - IXYS Corporation IXGT24N170AH1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXGH24N170AH1
IXGT24N170AH1
IXYS REF: G_24N170(6N)05-07-09
Fig. 7. Transconductance
0
4
8
12
16
20
24
28
32
36
0
10
2030
4050
60
70
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
60
200
400
600
800
1000
1200
1400
1600
1800
VCE - Volts
TJ = 125ºC
RG = 10Ω
dV / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
QG - NanoCoulombs
VCE = 850V
I C = 24A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXGT24N170AH1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT24N170A IXYS-IXGT24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
More results

Similar Description - IXGT24N170AH1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N120B2D1 IXYS-IXGH40N120B2D1 Datasheet
220Kb / 7P
   High Voltage IGBTs w/Diode
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
   HiPerFASTTM IGBTs w/ Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
   GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
   GenX3 1400V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
   HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGH6N170A IXYS-IXGH6N170A_09 Datasheet
196Kb / 5P
   High Voltage IGBTs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com