Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT24N170 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGT24N170
Description  High Voltage IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT24N170 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGT24N170 Datasheet HTML 1Page - IXYS Corporation IXGT24N170 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGH24N170
IXGT24N170
Features
International standard packages
JEDEC TO-268 and
JEDEC TO-247 AD
High current handling capability
MOS Gate turn-on
- drive simplicity
Rugged NPT structure
Molding epoxies meet UL 94 V-0
flammability classification
Applications
Capacitor discharge & pulser circuits
AC motor speed control
DC servo and robot drives
DC choppers
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
Advantages
High power density
Suitable for surface mounting
Easy to mount with 1 screw,
(isolated mounting screw hole)
DS98994A(09/08)
High Voltage
IGBT
Advance Technical Information
V
CES
= 1700V
I
C25
= 50A
V
CE(sat)
≤≤≤≤ 3.3V
t
fi(typ)
= 250ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
1700
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
1700
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
50
A
I
C90
T
C = 90°C
24
A
I
CM
T
C = 25°C, 1ms
150
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 5Ω
I
CM = 50
A
(RBSOA)
Clamped inductive load
@ 0.8 • V
CES
t
SC
V
GE = 15V, TVJ = 125°C, VCE = 1000V
10
μs
(SCSOA)
R
G = 5Ω, non repetitive
P
C
T
C = 25°C
250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-247)
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
G = Gate
C
= Collector
E = Emitter
TAB = Collector
TO-247 (IXGH)
G
C
E
C (TAB)
TO-268 (IXGT)
G
E
C (TAB)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C = 250μA, VGE = 0V
1700
V
V
GE(th)
I
C = 250μA, VCE = VGE
3.0
5.0
V
I
CES
V
CE = 0.8 • VCES
50
μA
V
GE = 0V
T
J = 125°C
500 μA
I
GES
V
CE = 0V, VGE = ± 20V
±100
nA
V
CE(sat)
I
C = IC90, VGE = 15V, Note 1
2.5
3.3
V
T
J = 125°C
3.0


Similar Part No. - IXGT24N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT24N170 IXYS-IXGT24N170 Datasheet
99Kb / 2P
   High Voltage IGBT
IXGT24N170A IXYS-IXGT24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGT24N170AH1 IXYS-IXGT24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
More results

Similar Description - IXGT24N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
   High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
   High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
   High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
   HIGH Voltage IGBT
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
   High Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
   High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
   High Voltage IGBT
logo
IXYS Corporation
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
   High Voltage IGBT
IXGT6N170AHV IXYS-IXGT6N170AHV Datasheet
205Kb / 5P
   High Voltage IGBT
IXGY2N120 IXYS-IXGY2N120 Datasheet
134Kb / 4P
   High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
   High Voltage IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com