Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH20N120B Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGH20N120B
Description  High Voltage IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH20N120B Datasheet(HTML) 3 Page - IXYS Corporation

  IXGH20N120B Datasheet HTML 1Page - IXYS Corporation IXGH20N120B Datasheet HTML 2Page - IXYS Corporation IXGH20N120B Datasheet HTML 3Page - IXYS Corporation IXGH20N120B Datasheet HTML 4Page - IXYS Corporation IXGH20N120B Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IXGH 20N120B
IXGT 20N120B
© 2003 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
20
40
60
80
100
120
140
160
02
46
8
10
12
14
16
18
V
CE - V olts
VGE = 15V
9V
11V
7V
5V
13V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
5
10
15
20
25
30
35
40
0.51
1.5
2
2.53
3.5
4
4.5
5
V
CE - V olts
V
GE = 15V
13V
11V
5V
7V
9V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
5
10
15
20
25
30
35
40
1
1.5
2
2.5
3
3.5
4
4.5
5
V
CE - V olts
V
GE = 15V
13V
11V
5V
7V
9V
Fig. 5. Input Admittance
0
10
20
30
40
50
60
70
80
34
567
89
10
V
GE - V olts
T
J = -40ºC
25ºC
125ºC
Fig. 6. Transconductance
0
3
6
9
12
15
18
21
24
27
0
10
20304050607080
I
C - A mperes
T
J = -40ºC
25ºC
125ºC
Fig. 4. Temperature Dependence of VCE(sat)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I C= 40A
I
C = 20A
I C= 10A
VGE = 15V


Similar Part No. - IXGH20N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH20N120BD1 IXYS-IXGH20N120BD1 Datasheet
495Kb / 5P
   High Voltage IGBT with Diode
More results

Similar Description - IXGH20N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
   High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
   High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
   High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
   HIGH Voltage IGBT
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
   High Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
   High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
   High Voltage IGBT
logo
IXYS Corporation
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
   High Voltage IGBT
IXGT6N170AHV IXYS-IXGT6N170AHV Datasheet
205Kb / 5P
   High Voltage IGBT
IXGY2N120 IXYS-IXGY2N120 Datasheet
134Kb / 4P
   High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
   High Voltage IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com