Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA79M08R Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA79M08R
Description  3-Terminal 0.5A Negative Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M08R Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA79M08R Datasheet HTML 4Page - Fairchild Semiconductor KA79M08R Datasheet HTML 5Page - Fairchild Semiconductor KA79M08R Datasheet HTML 6Page - Fairchild Semiconductor KA79M08R Datasheet HTML 7Page - Fairchild Semiconductor KA79M08R Datasheet HTML 8Page - Fairchild Semiconductor KA79M08R Datasheet HTML 9Page - Fairchild Semiconductor KA79M08R Datasheet HTML 10Page - Fairchild Semiconductor KA79M08R Datasheet HTML 11Page - Fairchild Semiconductor KA79M08R Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
KA79MXX
9
Typical Applications
Figure 1. Fixed Output Regulator
Figure 2. Variable Output
Note:
1. Required for stability. For value given, capacitor must be solid tantalum. 25
μF aluminum electrolytic may be substituted.
2. C2 improves transient response and ripple rejection. Do not increase beyond 50μF.
KA79MXX
1.0uF
2.0uF
3
1
2
VI
VO
KA79MXX
VO
VI
R2
R1
C3
SOLID
TANTALUM
1uF
_
+
C1
2.2uF
SOLID
TANTALUM
_
+
C2
25uF
_
+


Similar Part No. - KA79M08R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79M08R FAIRCHILD-KA79M08R Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
More results

Similar Description - KA79M08R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com