Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302 Datasheet(PDF) 71 Page - Motorola, Inc

Part # MC68302
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302 Datasheet(HTML) 71 Page - Motorola, Inc

Back Button MC68302 Datasheet HTML 67Page - Motorola, Inc MC68302 Datasheet HTML 68Page - Motorola, Inc MC68302 Datasheet HTML 69Page - Motorola, Inc MC68302 Datasheet HTML 70Page - Motorola, Inc MC68302 Datasheet HTML 71Page - Motorola, Inc MC68302 Datasheet HTML 72Page - Motorola, Inc MC68302 Datasheet HTML 73Page - Motorola, Inc MC68302 Datasheet HTML 74Page - Motorola, Inc MC68302 Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-21
Figure 3-3. Interrupt Request Logic Diagram for SCCs
3.2.4 Interrupt Vector
Pending EXRQ interrupts and unmasked INRQ interrupts are presented to the M68000 core
in order of priority. The M68000 core responds to an interrupt request by initiating an inter-
rupt acknowledge cycle to receive a vector number, which allows the core to locate the in-
terrupt's service routine.
If an INRQ source generated the interrupt, the interrupt controller always provides the vector
corresponding to the highest priority, unmasked, pending interrupt. If an EXRQ source gen-
erated the interrupt, three options are available to generate the vector.
Option 1. By programming the GIMR, the user can enable the interrupt controller to provide
the vector for any combination of EXRQ interrupt levels 1, 6, and 7. This is available regard-
less of whether normal or dedicated mode is selected. Whenever a vector is provided by the
interrupt controller, DTACK is also provided by the interrupt controller during that interrupt
acknowledge cycle. DTACK is an output from the IMP in this case.
The IMP can generate vectors for up to seven external peripherals by connecting the exter-
nal request lines to IRQ7, IRQ6, IRQ1, PB11, PB10, PB9, and PB8. PB11, PB10, PB9, and
PB8 are prioritized within level 4.
SCCM
IMR
IPR
INTERRUPT
PRIORITY
RESOLVER
INTERNAL IPL2–IPL0
TO THE M68000 CORE
16-INPUT
OR
SCCE
EVENT
BIT
MASK
BIT
8-INPUT
OR


Similar Part No. - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
logo
Motorola, Inc
MC68302AD MOTOROLA-MC68302AD Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com