Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302 Datasheet(PDF) 57 Page - Motorola, Inc

Part # MC68302
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302 Datasheet(HTML) 57 Page - Motorola, Inc

Back Button MC68302 Datasheet HTML 53Page - Motorola, Inc MC68302 Datasheet HTML 54Page - Motorola, Inc MC68302 Datasheet HTML 55Page - Motorola, Inc MC68302 Datasheet HTML 56Page - Motorola, Inc MC68302 Datasheet HTML 57Page - Motorola, Inc MC68302 Datasheet HTML 58Page - Motorola, Inc MC68302 Datasheet HTML 59Page - Motorola, Inc MC68302 Datasheet HTML 60Page - Motorola, Inc MC68302 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-7
The DAPR contains 24 (A23–A0) address bits of the destination operand used by the IDMA
to access memory or memory-mapped peripheral controller registers. During the IDMA write
cycle, the address on the master address bus is driven from this register. The DAPR may
be programmed by the DAPI bit to be incremented or remain constant after each operand
transfer.
The register is incremented using unsigned arithmetic and will roll over if overflow occurs.
For example, if a register contains $00FFFFFF and is incremented by one, it will roll over to
$00000000. This register can be incremented by one or two depending on the DSIZE bit and
the starting address.
3.1.2.4 Function Code Register (FCR)
The FCR is an 8-bit register.
The SFC and the DFC bits define the source and destination function code values that are
output by the IDMA and the appropriate address registers during an IDMA bus cycle. The
address space on the function code lines may be used by an external memory management
unit (MMU) or other memory-protection device to translate the IDMA logical addresses to
proper physical addresses. The function code value programmed into the FCR is placed on
pins FC2–FC0 during a bus cycle to further qualify the address bus value.
NOTE
This register is undefined following power-on reset. The user
should always initialize it and should not use the function code
value “111” in this register.
3.1.2.5 Byte Count Register (BCR)
This 16-bit register specifies the amount of data to be transferred by the IDMA; up to 64K
bytes (BCR = 0) is permitted. This register is decremented once for each byte transferred
successfully. BCR may be even or odd as desired. DMA activity will terminate as soon as
this register reaches zero. Thus, an odd number of bytes may be transferred in a 16-bit op-
erand scenario.
3.1.2.6 Channel Status Register (CSR)
The CSR is an 8-bit register used to report events recognized by the IDMA controller. On
recognition of an event, the IDMA sets its corresponding bit in the CSR (regardless of the
INTE and INTN bits in the CMR). The CSR is a memory-mapped register which may be read
at any time. A bit is cleared by writing a one and is left unchanged by writing a zero. More
than one bit may be cleared at a time, and the register is cleared at reset.
Bits 7–4—These bits are reserved for future use.
7
6
4
3
2
0
1
DFC
1
SFC
7
4
3
2
1
0
RESERVED
DNS
BES
BED
DONE


Similar Part No. - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
logo
Motorola, Inc
MC68302AD MOTOROLA-MC68302AD Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com