Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302 Datasheet(PDF) 46 Page - Motorola, Inc

Part # MC68302
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302 Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MC68302 Datasheet HTML 42Page - Motorola, Inc MC68302 Datasheet HTML 43Page - Motorola, Inc MC68302 Datasheet HTML 44Page - Motorola, Inc MC68302 Datasheet HTML 45Page - Motorola, Inc MC68302 Datasheet HTML 46Page - Motorola, Inc MC68302 Datasheet HTML 47Page - Motorola, Inc MC68302 Datasheet HTML 48Page - Motorola, Inc MC68302 Datasheet HTML 49Page - Motorola, Inc MC68302 Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 480 page
background image
MC68000/MC68008 Core
2-16
MC68302 USER’S MANUAL
MOTOROLA
# Modified by the CP after a CP or system reset.
## Tx BD 4, 5, 6, and 7 are not initially available to SCC3. (See 4.5.5 Buffer Descriptors Table for
information on how they may be regained.)
In addition to the internal dual-port RAM, a number of internal registers support the functions
of the various M68000 core peripherals. The internal registers (see Table 2-9) are memory-
mapped registers offset from the BAR point1616er and are located on the internal M68000
bus.
Base + 580
Base + 5BF
SCC2
SCC2
Specific Protocol Parameters
Base + 5C0
Base + 5FF
Reserved
(Not Implemented)
Base + 600
Base + 608
Base + 610
Base + 618
Base + 620
Base + 628
Base + 630
Base + 638
Base + 640
Base + 648
Base + 650
Base + 658
Base + 660
Base + 666
Base + 668
Base + 66A
Base + 66C
Base + 66E #
Base +67A
Base +67C
Base +67E #
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
4 Word
3 Word
Word
Word
Word
Word
6 Word
Word
Word
Word
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SCC3
SMC
SCC1
SCC1
SCC2
SCC2
SMC1–SMC2
SCP
SCC1–SCC3
CP
RxBD0
RxBD1
RxBD2
RxBD3
RxBD4
RxBD5
RxBD6
RxBD7
TxBD0
TxBD1
TxBD2
TxBD3 ##
Reserved
RxBD
TxBD
RxBD
TxBD
Internal Use
Rx/TxBD
BERR Channel Number
MC68302 Revision Number
Base + 680
Base + 6BF
SCC3
SCC3
Specific Protocol Parameters
Base + 6C0
Base + 7FF
Reserved
(Not Implemented)
Table 2-8. Parameter RAM


Similar Part No. - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
logo
Motorola, Inc
MC68302AD MOTOROLA-MC68302AD Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - MC68302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com