Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
STK400-070 Datasheet(PDF) 2 Page - Sanyo Semicon Device
Part No.
STK400-070
Description
3ch
AF
Power
Amplifier(Split
Power
Supply)
10W10W10W,THD=0.4%
Download
7 Pages
Scroll/Zoom
100%
Maker
SANYO [Sanyo Semicon Device]
Homepage
https://www.sanyo-av.com/us/
Logo
STK400-070 Datasheet(HTML) 2 Page - Sanyo Semicon Device
zoom in
zoom out
2
/ 7 page
Html Pages
1
2
3
4
5
6
7
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
STK400-490
3ch
AF
Power
Amplifier
Split
Power
Supply
25
W
+
25
W
+
25
W
THD
=
0.4%
1
2
3
4
5
More
Sanyo Semicon Device
STK400-070
AF
Power
Amplifier
Split
Power
Supply
40
W
+
40
W
+
40W
min
THD
=
0.4%
1
2
3
4
5
More
Sanyo Semicon Device
STK401-220
2ch
AF
Power
Amplifier
Split
Power
Supply
15
W
+
15
W
THD
=
0.08%
1
2
3
4
5
More
Sanyo Semicon Device
STK4030V
AF
Power
Amplifier
Split
Power
Supply
35W
min
THD
=
0.08%
1
2
3
4
5
Sanyo Semicon Device
STK4042V
AF
Power
Amplifier
Split
Power
Supply
80
W
min
THD
=
0.08%
1
2
3
4
5
Sanyo Semicon Device
STK405-120
2ch
AF
Power
Amplifier
Split
Power
Supply
80W
+
80W
min
THD
=10%
1
2
3
4
5
More
Sanyo Semicon Device
STK4161V
AF
Power
Amplifier
Split
Power
Supply
35W
+
35W
min
THD
=
0.08%
1
2
3
4
5
More
Sanyo Semicon Device
STK4241V
AF
Power
Amplifier
Split
Power
Supply
120W+120W
min
THD
=
0.08%
1
2
3
4
Sanyo Semicon Device
STK400-090
AF
Power
Amplifier
Split
Power
Supply
50
W
+
50
W
+
50
W
min
THD
=
0.4%
1
2
3
4
5
More
Sanyo Semicon Device
STK401-250
2ch
AF
Power
Amplifier
Split
Power
Supply
30W
+
30
W
THD
=
0.08%
1
2
3
4
5
More
Sanyo Semicon Device
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn