Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA41560B2 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FNA41560B2
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA41560B2 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FNA41560B2 Datasheet HTML 6Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 7Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 8Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 9Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 10Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 11Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 12Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 13Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.fairchildsemi.com
FNA41560/B2 Rev. C
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Note:
9. Do not make over torque when mounting screws. Much mounting torque may cause ceramic cracks, as well as bolts and Al heat-sink destruction.
10. Avoid one side tightening stress. Fig.10 shows the recommended torque order for mounting screws. Uneven mounting can cause the SPM ceramic substrate to be damaged.
The Pre-Screwing torque is set to 20~30% of maximum torque rating.
Figure 10. Mounting Screws Torque Order
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
Device Flatness
Note Figure 9
0
-
+120
mm
Mounting Torque
Mounting Screw: - M3
Note Figure 10
Recommended 0.7N•m
0.6
0.7
0.8
N•m
Recommended 7.1kg•cm
6.2
7.1
8.1
kg•cm
Weight
-
11
-
g
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1


Similar Part No. - FNA41560B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
   UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
More results

Similar Description - FNA41560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com