Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA41560B2 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FNA41560B2
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA41560B2 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FNA41560B2 Datasheet HTML 5Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 6Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 7Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 8Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 9Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 10Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 11Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 12Page - Fairchild Semiconductor FNA41560B2 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.fairchildsemi.com
FNA41560/B2 Rev. C
Recommended Operating Conditions
Note:
7. SPM might not make response if input pulse width is less than the recommanded value.
Note:
8. The allowable output current value may be different from the actual application.
Figure 8. Allowable Maximum Output Current
Package Marking and Ordering Information
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L)-COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB(U)-VS(U), VB(V)-VS(V),VB(W)-VS(W)
13.0
15
18.5
V
dVCC/dt,
dVBS/dt
Control supply variation
-1
-
1
V/
ms
tdead
Blanking Time for
Preventing Arm-short
For Each Input Signal
1.5
-
-
ms
fPWM
PWM Input Signal
-40
°C < TJ < 150°C
-
-
20
kHz
VSEN
Voltage for Current
Sensing
Applied between NU, NV, NW - COM
(Including surge voltage)
-4
4
V
PWIN(ON) Minimun Input Pulse
Width
(Note 7)
0.5
-
-
ms
PWIN(OFF)
0.5
-
-
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FNA41560
FNA41560
SPM26-AAA
-
-
12
FNA41560B2
FNA41560B2
SPM26-AAC
-
-
12
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Allowable Maximum Output Current
V
DC=300V, VCC=VBS=15V
T
J
150, T
C
125
M.I.=0.9, P.F.=0.8
Sinusoidal PWM
f
SW=15kHz
f
SW=5kHz
Case Temperature, T
C [
]


Similar Part No. - FNA41560B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
   UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
More results

Similar Description - FNA41560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com