Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNA41060 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FNA41060
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNA41060 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FNA41060 Datasheet HTML 2Page - Fairchild Semiconductor FNA41060 Datasheet HTML 3Page - Fairchild Semiconductor FNA41060 Datasheet HTML 4Page - Fairchild Semiconductor FNA41060 Datasheet HTML 5Page - Fairchild Semiconductor FNA41060 Datasheet HTML 6Page - Fairchild Semiconductor FNA41060 Datasheet HTML 7Page - Fairchild Semiconductor FNA41060 Datasheet HTML 8Page - Fairchild Semiconductor FNA41060 Datasheet HTML 9Page - Fairchild Semiconductor FNA41060 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.fairchildsemi.com
FNA41060/B2 Rev. C
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
VCE(SAT)
Collector-Emitter Saturation
Voltage
VCC = VBS = 15V
VIN = 5V
IC = 10A, TJ = 25°C
-
1.7
2.2
V
VF
FWD Forward Voltage
VIN = 0V
IF = 10A, TJ = 25°C
-
1.8
2.3
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V, IC = 10A
TJ = 25°C
VIN = 0V « 5V, Inductive Load
(Note 3)
0.40
0.70
1.20
ms
tC(ON)
-
0.20
0.45
ms
tOFF
-
0.75
1.25
ms
tC(OFF)
-
0.25
0.50
ms
trr
-
0.15
-
ms
LS
tON
VPN = 300V, VCC = VBS = 15V, IC = 10A
TJ = 25°C
VIN = 0V « 5V, Inductive Load
(Note 3)
0.40
0.70
1.20
ms
tC(ON)
-
0.20
0.45
ms
tOFF
-
0.75
1.25
ms
tC(OFF)
-
0.25
0.50
ms
trr
-
0.15
-
ms
ICES
Collector-Emitter
Leakage Current
VCE = VCES
-
-
1
mA
VCE
IC
VIN
tON
tC(ON)
VIN(ON)
10% IC
10% VCE
90% IC
100% IC
trr
100% IC
VCE
IC
VIN
tOFF
tC(OFF)
VIN(OFF)
10% VCE
10% IC
(a) turn-on
(b) turn-off


Similar Part No. - FNA41060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNA41060 FAIRCHILD-FNA41060 Datasheet
930Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FNA41060 ONSEMI-FNA41060 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
FNA41060B2 ONSEMI-FNA41060B2 Datasheet
3Mb / 16P
   Motion SPM 45 Series
October 2017 Rev. 2
More results

Similar Description - FNA41060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com