Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFB2580 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DFB2580
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DFB2580 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DFB2580 Datasheet HTML 1Page - Fairchild Semiconductor DFB2580 Datasheet HTML 2Page - Fairchild Semiconductor DFB2580 Datasheet HTML 3Page - Fairchild Semiconductor DFB2580 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DFB2505 - DFB25100 Rev. A4
1
March 2011
DFB2505 - DFB25100
Glass Passivated Bridge Rectifiers
Features
• UL certificate # E326243
• Glass passivated junction
• Ideal for printed circuit board
• Reliable low cost construction
• Plastic material has Underwriters Laboratory Flammability Classification 94V-0
• Surge overload rating to 350 amperes peak
• High case dielectric strength of 2500 VRMS
• Isolated voltage from case to lead over 2500 volts
Absolute Maximum Ratings* T
A = 25°C unless otherwise noted
* Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
** Device mounted on 4" x 6" x 0.25" Al-plate heat sink.
*** In development. Please contact Fairchild Semiconductor for more information.
Electrical Characteristics T
A = 25°C unless otherwise specified
* Measured at 1MHz and applied Reverse bias of 4.0V DC.
Symbol
Parameter
Value
Units
DFB25
05***
DFB25
10***
DFB25
20***
DFB25
40
DFB25
60
DFB25
80***
DFB25
100***
VRRM
Maximum
Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Maximum
Average Forward Rectified Current
25
A
IFSM
Peak Forward Surge Current
(8.3mS Single Half-wave)
350
A
RθJC
Typical Thermal Resistance**
6
°C/W
TJ
Operating Temperature Range
-55 to +150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
Symbol
Parameter
Test condition
Value
Unit
VF
Maximum
Instantaneous Forward Voltage
@ 12.5A
@ 25A
1.0
1.1
V
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA = 25°C
@ TA = 125°C
10
500
μA
I2t
Rating for fusing (t < 8.3mS)
508
A2S
Cj
Typical Junction Capacitance per leg*
110
pF
+ ~ ~
-
TS-6P


Similar Part No. - DFB2580

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DFB2580 FAIRCHILD-DFB2580 Datasheet
338Kb / 5P
   Glass-Passivated Bridge Rectifiers
logo
ON Semiconductor
DFB2580 ONSEMI-DFB2580 Datasheet
345Kb / 5P
   Glass-Passivated Bridge Rectifiers
July, 2018 ??Rev. 3
More results

Similar Description - DFB2580

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com