Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGP48N60B3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGP48N60B3
Description  GenX3 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP48N60B3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGP48N60B3 Datasheet HTML 1Page - IXYS Corporation IXGP48N60B3 Datasheet HTML 2Page - IXYS Corporation IXGP48N60B3 Datasheet HTML 3Page - IXYS Corporation IXGP48N60B3 Datasheet HTML 4Page - IXYS Corporation IXGP48N60B3 Datasheet HTML 5Page - IXYS Corporation IXGP48N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions.
IXGA48N60B3 IXGP48N60B3
IXGH48N60B3
IXYS REF: G_48N60B3D1(56) 05-05-08-A
Fig. 18. Inductive Turn-on
Switching Times vs. Gate Resistance
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
35
40
45
50
55
RG - Ohms
15
20
25
30
35
40
45
50
55
60
65
70
t r
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 480V
I C = 15A
I C = 30A
I C = 60A
Fig. 19. Inductive Turn-on
Switching Times vs. Collector Current
10
15
20
25
30
35
40
45
50
55
60
15
20
25
30
35
40
45
50
55
60
IC - Amperes
18
19
20
21
22
23
24
25
26
27
28
t r
t
d(on) - - - -
RG = 5Ω , VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
25ºC < TJ < 125ºC
Fig. 20. Inductive Turn-on
Switching Times vs. Junction Temperature
5
10
15
20
25
30
35
40
45
50
55
60
65
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
16
17
18
19
20
21
22
23
24
25
26
27
28
t r
td(on) - - - -
RG = 5, VGE = 15V
VCE = 480V
I C = 15A
I C = 30A
I C = 60A


Similar Part No. - IXGP48N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP48N60B3 IXYS-IXGP48N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGP48N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
   GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
   GenX3 600V IGBT
IXGL200N60B3 IXYS-IXGL200N60B3 Datasheet
217Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH72N60C3 IXYS-IXGH72N60C3 Datasheet
172Kb / 6P
   GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
   GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com