Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK400-030 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK400-030
Description  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-030 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK400-030 Datasheet HTML 2Page - Sanyo Semicon Device STK400-030 Datasheet HTML 3Page - Sanyo Semicon Device STK400-030 Datasheet HTML 4Page - Sanyo Semicon Device STK400-030 Datasheet HTML 5Page - Sanyo Semicon Device STK400-030 Datasheet HTML 6Page - Sanyo Semicon Device STK400-030 Datasheet HTML 7Page - Sanyo Semicon Device STK400-030 Datasheet HTML 8Page - Sanyo Semicon Device STK400-030 Datasheet HTML 9Page - Sanyo Semicon Device STK400-030 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
The STK400-020 has six power transistors, so the thermal resistance per transistor
θj-c is 2.1°C / W. With an assured
ambient temperature Ta of 50°C, the required radiator thermal resistance
θc-a would be as follows:
From expression (1)'
θc-a < (125–50)/23.5
< 3.19
From expression (2)'
θc-a < (150–50)/23.5 – 2.1/6
< 5.84
To satisfy both, 3.19°C/W is the required radiator thermal resistance.
Figure 2 illustrates Pd - PO when the VCC of STK400-020 is ±16 V and RL is functioning at 3 Ω.
Pd = 26.5 W (1/10 PO max = during 1.5 W)
From expression (1)'
θc-a < (125–50) – 26.5
< 2.83
From expression (2)'
θc-a < (150-50)/26.5 – 2.1/6
< 3.42
To satisfy both, 2.83°C / W is the required radiator thermal resistance. This design example is based on a fixed voltage
supply, and will require verification within your specific set environment.
No. 4830-8/10
STK400-020


Similar Part No. - STK400-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-030 SANYO-STK400-030 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-030 SANYO-STK400-030 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-030 SANYO-STK400-030 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK400-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com