Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFV110N25TS Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFV110N25TS
Description  Trench Gate Power HiperFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV110N25TS Datasheet(HTML) 3 Page - IXYS Corporation

  IXFV110N25TS Datasheet HTML 1Page - IXYS Corporation IXFV110N25TS Datasheet HTML 2Page - IXYS Corporation IXFV110N25TS Datasheet HTML 3Page - IXYS Corporation IXFV110N25TS Datasheet HTML 4Page - IXYS Corporation IXFV110N25TS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Fig. 1. Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
90
100
110
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VDS - Volts
VGS = 10V
8V
7V
6V
5V
5.5V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
25
50
75
100
125
150
175
200
225
250
0
2
4
6
8
10
12
14
16
18
20
VDS - Volts
VGS = 10V
8V
7V
5V
6V
Fig. 3. Output Characteristics
@ 125ºC
0
10
20
30
40
50
60
70
80
90
100
110
0
123456
VDS - Volts
VGS = 10V
8V
7V
6V
5V
Fig. 4. RDS(on) Normalized to ID = 55A Value
vs. Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 110A
I D = 55A
Fig. 5. RDS(on) Normalized to ID = 55A Value
vs. Drain Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
0
20
40
60
80
100 120 140 160 180 200 220 240 260
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
External Lead Current Limit
IXFV110N25T
IXFV110N25TS


Similar Part No. - IXFV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV110N10P IXYS-IXFV110N10P Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFV110N10PS IXYS-IXFV110N10PS Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
More results

Similar Description - IXFV110N25TS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA102N15T IXYS-IXFA102N15T Datasheet
224Kb / 6P
   Trench Gate Power MOSFET HiperFET
FMM60-02TF IXYS-FMM60-02TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
FMM50-025TF IXYS-FMM50-025TF Datasheet
101Kb / 2P
   Trench Gate HiperFET N-Channel Power MOSFET
IXFH86N30T IXYS-IXFH86N30T Datasheet
182Kb / 6P
   Trench HiperFET Power MOSFET
IXFH230N10T IXYS-IXFH230N10T Datasheet
171Kb / 6P
   Trench HiperFET Power MOSFET
IXFN360N10T IXYS-IXFN360N10T Datasheet
181Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK360N10T IXYS-IXFK360N10T Datasheet
188Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFK420N10T IXYS-IXFK420N10T Datasheet
186Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXFN420N10T IXYS-IXFN420N10T Datasheet
185Kb / 6P
   GigaMOS Trench HiperFET Power MOSFET
IXTP160N085T IXYS-IXTP160N085T Datasheet
141Kb / 5P
   Trench Gate Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com