Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFR66N50Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR66N50Q2
Description  HiPerFET Power MOSFET Q2-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR66N50Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR66N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFR66N50Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS99076A(05/08)
V
DSS
= 500V
I
D25
= 50A
R
DS(on)
≤≤≤≤≤ 85mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
IXFR66N50Q2
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
50
μA
V
GS = 0V
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 33A, Note 1
85 m
Ω
HiPerFETTM
Power MOSFET
Q2-Class
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C50
A
I
DM
T
C = 25°C, pulse width limited by TJM
264
A
I
A
T
C = 25°C66
A
E
AS
T
C = 25°C4
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
F
C
Mounting force
20..120/4.5..27
N/lb.
Weight
5g
Features
• Double metal process for low gate
resistance
• International standard package
• Epoxy meet UL 94 V-0, flammability
classification
• Avalanche energy and current rated
• Fast intrinsic Rectifier
Advantages
• Easy to mount
• Space savings
• High power density
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Low intrinsic R
g, low trr
G = Gate
D = Drain
S = Source
Isolated Tab
ISOPLUS247 (IXFR)
E153432


Similar Part No. - IXFR66N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50P IXYS-IXFR64N50P Datasheet
126Kb / 4P
   Polar Power MOSFET HiPerFET
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFR64N60P IXYS-IXFR64N60P Datasheet
157Kb / 5P
   PolarHV HiPerFET Power MOSFET
IXFR64N60P IXYS-IXFR64N60P Datasheet
157Kb / 6P
   Power MOSFET
IXFR64N60P IXYS-IXFR64N60P_14 Datasheet
157Kb / 6P
   Power MOSFET
More results

Similar Description - IXFR66N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFB38N100Q2 IXYS-IXFB38N100Q2_08 Datasheet
132Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR40N50Q2 IXYS-IXFR40N50Q2_08 Datasheet
123Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFK40N50Q2 IXYS-IXFK40N50Q2 Datasheet
180Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFL38N100Q2 IXYS-IXFL38N100Q2 Datasheet
140Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN66N50Q2 IXYS-IXFN66N50Q2 Datasheet
127Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com