Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK392-040 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK392-040
Description  3-Channel Convergence Correction Circuit(Ic max=3A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK392-040 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK392-040 Datasheet HTML 1Page - Sanyo Semicon Device STK392-040 Datasheet HTML 2Page - Sanyo Semicon Device STK392-040 Datasheet HTML 3Page - Sanyo Semicon Device STK392-040 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - STK392-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK392-040 SANYO-STK392-040 Datasheet
96Kb / 4P
   3-Channel Convergence Correction Circuit(Ic max=7A)
More results

Similar Description - STK392-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK392-040 SANYO-STK392-040 Datasheet
96Kb / 4P
   3-Channel Convergence Correction Circuit(Ic max=7A)
STK392-010 SANYO-STK392-010 Datasheet
96Kb / 4P
   3-Channel Convergence Correction Circuit(Ic max=5A)???
STK391-020 SANYO-STK391-020 Datasheet
143Kb / 5P
   2-Channel Convergence Correction Circuit(Ic max=6A)?
STK390-120 SANYO-STK390-120 Datasheet
78Kb / 4P
   1-Channel Supply Switching Convergence Correction Circuit(Ic max=4A)
logo
Panasonic Semiconductor
AN5769 PANASONIC-AN5769 Datasheet
55Kb / 6P
   H/V convergence correction IC
logo
Sanyo Semicon Device
STK392-020 SANYO-STK392-020 Datasheet
185Kb / 8P
   Convergence Correction Circuit Three Channel in a Single Package(Maximum Output Current:6A)
STK392-120 SANYO-STK392-120 Datasheet
736Kb / 6P
   CONVERGENCE CORRECTION AMPLIFIER 3CHANNELO/1PACKAGE OUTPUT CURRENT 4A
logo
Inchange Semiconductor ...
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
   Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com