Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK350-040 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK350-040
Description  2-channel AF Voltage Amplifier (120 to 150W/channel supported)???
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK350-040 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK350-040 Datasheet HTML 1Page - Sanyo Semicon Device STK350-040 Datasheet HTML 2Page - Sanyo Semicon Device STK350-040 Datasheet HTML 3Page - Sanyo Semicon Device STK350-040 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - STK350-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (60 to 80W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (80 to 90W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
68Kb / 4P
   2-channel AF Voltage Amplifier (90 to 100W/channel supported)?
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (100 to 120W/channel supported)?
logo
List of Unclassifed Man...
STK350-040 ETC1-STK350-040 Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Similar Description - STK350-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK350-020 SANYO-STK350-020 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (80 to 90W/channel supported)
STK350-030 SANYO-STK350-030 Datasheet
68Kb / 4P
   2-channel AF Voltage Amplifier (90 to 100W/channel supported)?
STK350-010 SANYO-STK350-010 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (60 to 80W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
   2-channel AF Voltage Amplifier (100 to 120W/channel supported)?
logo
List of Unclassifed Man...
STK3102III ETC-STK3102III Datasheet
139Kb / 3P
   2-Channel Voltage Amplifier for 90 to 100W AF Power Amplifier (Dual Supplies)
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
   5.5W 2-Channel AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
   5.3W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com