Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CD051UE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P5CD051UE
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD051UE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P5CD051UE Datasheet HTML 2Page - NXP Semiconductors P5CD051UE Datasheet HTML 3Page - NXP Semiconductors P5CD051UE Datasheet HTML 4Page - NXP Semiconductors P5CD051UE Datasheet HTML 5Page - NXP Semiconductors P5CD051UE Datasheet HTML 6Page - NXP Semiconductors P5CD051UE Datasheet HTML 7Page - NXP Semiconductors P5CD051UE Datasheet HTML 8Page - NXP Semiconductors P5CD051UE Datasheet HTML 9Page - NXP Semiconductors P5CD051UE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
6 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
2.
Features and benefits
2.1 Standard family features
EEPROM: choice of 16 KB, 20 KB, 40 KB, 52 KB or 80 KB
Data retention time: 25 years minimum
Endurance: 500000 cycles typical
ROM: 264 KB
RAM: 7680 B
256 B IRAM + 4.75 KB standard RAM usable for CPU
2560 B FXRAM usable for FameXE
Dedicated, Accelerated Secure_MX51 smart card CPU (Memory eXtended/enhanced
80C51)
5-metal layer 0.14
μm CMOS technology
Operating in Contact and Contactless mode (dependent on family type option)
Featuring a 24-bit universal memory space, 24-bit program counter
Combined universal program and data linear address range up to 16 MB
Additional instructions to improve:
- pointer operations
- performance
- code density of both C and Java source code
ISO/IEC 7816 contact interface
ISO/IEC 14443 contactless interface
PKI coprocessor FameXE
Support of major Public Key Cryptography (PKC) systems such as RSA, Elgamel,
DSS, Diffie-Hellman, Guillou-Quisquater, Fiat-Shamir and Elliptic Curves
8192 bits maximum key length for RSA with randomly chosen modulus
4096 bits maximum key length for calculation within RAM
32-bit interface
Boolean operations for acceleration of standard, symmetric cipher algorithms
High speed triple-DES coprocessor (64-bit parallel processing DES engine)
Two or three keys loadable
DES3 performance < 40
μs
High speed AES coprocessor (128-bit parallel processing AES engine)
Memory Management Unit (MMU) with increased number of 8 cache segments
Low power and low voltage design using NXP Semiconductors’ handshaking
technology
Multiple source vectorized interrupt system with four priority levels
Watch exception provides software debugging facility
Multiple source RESET system
Two 16-bit timers
Highly reliable EEPROM for both data storage and program execution
Bytewise EEPROM programming and read access
Versatile EEPROM programming of 1 B to 64 B at a time or, optionally 1 B to 128 B at
a time


Similar Part No. - P5CD051UE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD012 NXP-P5CD012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A4 NXP-P5CD012A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012A6 NXP-P5CD012A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UA NXP-P5CD012UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD012UE NXP-P5CD012UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD051UE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com