Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9922N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9922N
Description  8-channel constant current LED driver with output error detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9922N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9922N Datasheet HTML 7Page - NXP Semiconductors PCA9922N Datasheet HTML 8Page - NXP Semiconductors PCA9922N Datasheet HTML 9Page - NXP Semiconductors PCA9922N Datasheet HTML 10Page - NXP Semiconductors PCA9922N Datasheet HTML 11Page - NXP Semiconductors PCA9922N Datasheet HTML 12Page - NXP Semiconductors PCA9922N Datasheet HTML 13Page - NXP Semiconductors PCA9922N Datasheet HTML 14Page - NXP Semiconductors PCA9922N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Lower-case signal names are internal signals shown to aid understanding of timing.
Fig 9.
Timing for a complete error detection sequence
CLK
LE
OE
002aad208
enter error detect
command
some number of
optional clocks to
clock in 1s for testing
shift halted
load fault
command
shift
resumed
at least 8 clocks
exit error detect
command
SDI
shift_reg[n-1:0]
fault data
fault data MSB
SDO
previous serial data shifting out
this must be min. 2
μs wide
and 3 clocks minimum with
output enable LOW
fault_load
fault_load goes LOW
on this edge of OE
fault_data[n-1:0]
fault data 8 bits
error_detect_mode


Similar Part No. - PCA9922N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9922N NXP-PCA9922N Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
More results

Similar Description - PCA9922N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DD313 SITI-DD313 Datasheet
688Kb / 22P
   3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STAP08DP05 STMICROELECTRONICS-STAP08DP05 Datasheet
704Kb / 28P
   Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
November 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com