Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CD081XD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P5CD081XD
Description  Secure dual interface and contact PKI smart card controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD081XD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P5CD081XD Datasheet HTML 3Page - NXP Semiconductors P5CD081XD Datasheet HTML 4Page - NXP Semiconductors P5CD081XD Datasheet HTML 5Page - NXP Semiconductors P5CD081XD Datasheet HTML 6Page - NXP Semiconductors P5CD081XD Datasheet HTML 7Page - NXP Semiconductors P5CD081XD Datasheet HTML 8Page - NXP Semiconductors P5CD081XD Datasheet HTML 9Page - NXP Semiconductors P5CD081XD Datasheet HTML 10Page - NXP Semiconductors P5CD081XD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
7 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
Typical EEPROM page erasing time: 1.7 ms
Typical EEPROM page programming time: 1.0 ms
Power-saving Idle mode
Wake-up from Idle mode by RESET or any activated interrupt
Contact configuration and serial interface in accordance with ISO/IEC 7816
Power-saving Sleep (power-down) mode or Clockstop mode
ISO/IEC 7816 UART supporting standard protocols T=0 and T=1 as well as high
speed personalization up to 1 Mbit/s
External or internally generated configurable CPU clock
1 MHz to 10 MHz operating external clock frequency range
Internal CPU clock up to 62 MHz with synchronous operation
Internal clocking independent of externally applied frequency
High speed 16-bit CRC engine in accordance with ITU-T polynomial definition
Low power Random Number Generator (RNG) in hardware, AIS-31 compliant
1.62 V to 5.5 V extended operating voltage range for class C, B and A
Optional extended Class B operation mode (2.2 V to 5.5 V targeted for battery
supplied applications)
−25 °Cto+85 °C ambient temperature
Broad spectrum of delivery types:
Wafers
Modules
Packages
Inlays
2.2 Product specific family features
P5CC081
ISO/IEC 7816 contact interface
Two additional I/O ports: IO2 and IO3 for full-duplex serial data communication
P5CD016, P5CD021, P5CD041, P5CD051 and P5CD081
CIU fully compatible with ISO/IEC 14443A:
- 13.56 MHz operating frequency
- fully supports the T=CL protocol in accordance with ISO/IEC 14443-4
- factory configurable for higher input capacitance to match smaller loop antennas
- supported data transfer rates: 106 kbit/s, 212 kbit/s, 424 kbit/s and 848 kbit/s
- MIFARE reader infrastructure compatibility via optional MIFARE 1 K or 4 K
implementation including built-in anticollision support
Two additional I/O ports: IO2 and IO3 for full-duplex serial data communication
P5CN081
S2C interface
One additional I/O port: IO2 for optional proprietary use


Similar Part No. - P5CD081XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD080 NXP-P5CD080 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A4 NXP-P5CD080A4 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080A6 NXP-P5CD080A6 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UA NXP-P5CD080UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD080UE NXP-P5CD080UE Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CD081XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com