Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN80N50Q3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN80N50Q3
Description  HiperFET Power MOSFET Q3-Class
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N50Q3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN80N50Q3 Datasheet HTML 1Page - IXYS Corporation IXFN80N50Q3 Datasheet HTML 2Page - IXYS Corporation IXFN80N50Q3 Datasheet HTML 3Page - IXYS Corporation IXFN80N50Q3 Datasheet HTML 4Page - IXYS Corporation IXFN80N50Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXFN80N50Q3
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Input Admittance
0
20
40
60
80
100
120
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
20
40
60
80
100
0
2040
6080
100
120
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
40
80
120
160
200
240
0.30.4
0.50.6
0.70.8
0.91.0
1.11.2
1.31.4
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
2
4
6
8
10
12
14
16
0
40
80
120
160
200
240
280
QG - NanoCoulombs
VDS = 250V
I D = 40A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1
10
100
1000
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
100µs
1ms
RDS(on) Limit


Similar Part No. - IXFN80N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
174Kb / 5P
   Power MOSFET
IXFN80N50Q2 IXYS-IXFN80N50Q2_V01 Datasheet
174Kb / 5P
   Power MOSFET
More results

Similar Description - IXFN80N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB100N50Q3 IXYS-IXFB100N50Q3 Datasheet
149Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFR32N80Q3 IXYS-IXFR32N80Q3 Datasheet
143Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFN82N60Q3 IXYS-IXFN82N60Q3 Datasheet
130Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFN44N100Q3 IXYS-IXFN44N100Q3 Datasheet
129Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFN100N50Q3 IXYS-IXFN100N50Q3 Datasheet
131Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFB44N100Q3 IXYS-IXFB44N100Q3 Datasheet
147Kb / 5P
   HiperFET Power MOSFET Q3-Class
IXFK80N50Q3 IXYS-IXFK80N50Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFK32N100Q3 IXYS-IXFK32N100Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFH70N30Q3 IXYS-IXFH70N30Q3 Datasheet
138Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFK64N50Q3 IXYS-IXFK64N50Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com