Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN80N50Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN80N50Q2
Description  HiPerFET Power MOSFET Q2-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N50Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN80N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS Corporation, All rights reserved
IXFN80N50Q2
Fig. 2. Extended Output Characteristics
@ 25ºC
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
1012
14161820
VD S - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125ºC
0
10
20
30
40
50
60
70
80
02
46
8
10
12
VD S - Volts
5V
6V
VGS = 10V
7V
Fig. 1. Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
01
23
4
5
6
VD S - Volts
VGS = 10V
8V
6V
5V
7V
Fig. 4. RDS(on) Normalized to ID = 40A Value
vs. Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
-50
-25
0
255075
100
125
150
TJ - Degrees Centigrade
ID = 80A
ID = 40A
VGS = 10V
Fig. 6. Drain Current vs. Case Temperature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
255075
100
125
150
TC - Degrees Centigrade
External Lead Current Limit
Fig. 5. RDS(on) Normalized to ID = 40A Value
vs. Drain Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
0
20
40
60
80
100 120 140 160 180 200
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V


Similar Part No. - IXFN80N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
174Kb / 5P
   Power MOSFET
IXFN80N50Q2 IXYS-IXFN80N50Q2_V01 Datasheet
174Kb / 5P
   Power MOSFET
More results

Similar Description - IXFN80N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFB38N100Q2 IXYS-IXFB38N100Q2_08 Datasheet
132Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR40N50Q2 IXYS-IXFR40N50Q2_08 Datasheet
123Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFR66N50Q2 IXYS-IXFR66N50Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFK40N50Q2 IXYS-IXFK40N50Q2 Datasheet
180Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFL38N100Q2 IXYS-IXFL38N100Q2 Datasheet
140Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN66N50Q2 IXYS-IXFN66N50Q2 Datasheet
127Kb / 5P
   HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com