Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U14FHN201 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC11U14FHN201
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U14FHN201 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC11U14FHN201 Datasheet HTML 7Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 8Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 9Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 10Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 11Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 12Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 13Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 14Page - NXP Semiconductors LPC11U14FHN201 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
LPC11U1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 11 April 2011
11 of 64
NXP Semiconductors
LPC11U1x
32-bit ARM Cortex-M0 microcontroller
PIO0_18/RXD/
CT32B0_MAT0
31
46
B3
[3]
I; PU
I/O
PIO0_18 — General purpose digital
input/output pin.
-I
RXD — Receiver input for USART.
-O
CT32B0_MAT0 — Match output 0 for 32-bit
timer 0.
PIO0_19/TXD/
CT32B0_MAT1
32
47
B2
[3]
I; PU
I/O
PIO0_19 — General purpose digital
input/output pin.
-O
TXD — Transmitter output for USART.
-O
CT32B0_MAT1 — Match output 1 for 32-bit
timer 0.
PIO0_20/CT16B1_CAP0
7
9
F2
[3]
I; PU
I/O
PIO0_20 — General purpose digital
input/output pin.
-I
CT16B1_CAP0 — Capture input 0 for 16-bit
timer 1.
PIO0_21/CT16B1_MAT0/
MOSI1
12
17
G4
[3]
I; PU
I/O
PIO0_21 — General purpose digital
input/output pin.
-O
CT16B1_MAT0 — Match output 0 for 16-bit
timer 1.
-I/O
MOSI1 — Master Out Slave In for SSP1.
PIO0_22/AD6/
CT16B1_MAT1/MISO1
20
30
E8
[6]
I; PU
I/O
PIO0_22 — General purpose digital
input/output pin.
-I
AD6 — A/D converter, input 6.
-O
CT16B1_MAT1 — Match output 1 for 16-bit
timer 1.
-I/O
MISO1 — Master In Slave Out for SSP1.
PIO0_23/AD7
27
42
A5
[6]
I; PU
I/O
PIO0_23 — General purpose digital
input/output pin.
-I
AD7 — A/D converter, input 7.
PIO1_0/CT32B1_MAT0
-
-
-
[3]
I; PU
I/O
PIO1_0 — General purpose digital input/output
pin.
-O
CT32B1_MAT0 — Match output 0 for 32-bit
timer 1.
PIO1_1/CT32B1_MAT1
-
-
-
[3]
I; PU
I/O
PIO1_1 — General purpose digital input/output
pin.
-O
CT32B1_MAT1 — Match output 1 for 32-bit
timer 1.
PIO1_2/CT32B1_MAT2
-
-
-
[3]
I; PU
I/O
PIO1_2 — General purpose digital input/output
pin.
-O
CT32B1_MAT2 — Match output 2 for 32-bit
timer 1.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description


Similar Part No. - LPC11U14FHN201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U14FHN33 PHILIPS-LPC11U14FHN33 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
LPC11U14FHN33.201 NXP-LPC11U14FHN33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
More results

Similar Description - LPC11U14FHN201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com