Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTD3306GM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTD3306GM
Description  Dual bus switch with level shifting Multiple package options
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTD3306GM Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTD3306GM Datasheet HTML 1Page - NXP Semiconductors CBTD3306GM Datasheet HTML 2Page - NXP Semiconductors CBTD3306GM Datasheet HTML 3Page - NXP Semiconductors CBTD3306GM Datasheet HTML 4Page - NXP Semiconductors CBTD3306GM Datasheet HTML 5Page - NXP Semiconductors CBTD3306GM Datasheet HTML 6Page - NXP Semiconductors CBTD3306GM Datasheet HTML 7Page - NXP Semiconductors CBTD3306GM Datasheet HTML 8Page - NXP Semiconductors CBTD3306GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CBTD3306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product Specification
Rev. 5 — 28 April 2011
2 of 17
NXP Semiconductors
CBTD3306
Dual bus switch with level shifting
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic diagram
1OE
1A
1B
2B
002aab985
2OE
2A
2
1
5
7
3
6
Fig 2.
Pin configuration for SO8 (SOT96-1)
Fig 3.
Pin configuration for TSSOP8 (SOT530-1)
CBTD3306
1OE
VCC
1A
2OE
1B
2B
GND
2A
001aak832
1
2
3
4
6
5
8
7
CBTD3306
1OE
VCC
1A
2OE
1B
2B
GND
2A
001aak833
1
2
3
4
6
5
8
7
Fig 4.
Pin configuration SOT833-1 (XSON8)
Fig 5.
Pin configuration SOT902-1 (XQFN8U)
CBTD3306
2B
2OE
VCC
2A
1B
1A
1OE
GND
001aal404
36
27
18
45
Transparent top view
001aal405
2B
1A
2OE
2A
1OE
1B
Transparent top view
3
6
1
5
7
2
terminal 1
index area
CBTD3306


Similar Part No. - CBTD3306GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD3306GT NEXPERIA-CBTD3306GT Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
More results

Similar Description - CBTD3306GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Toshiba Semiconductor
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385AFU TOSHIBA-TC7SBD385AFU Datasheet
177Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com