Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK311-110 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. STK311-110
Description  RDS Demodulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

STK311-110 Datasheet(HTML) 4 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STK311-110
No. 4588—4/5
Pin Functions
Sample RDS Data Decoder Circuit
Number
Name
Function
1
MONI
BPF (for adjustment) monitor output
2VCC
Supply pin
4, 6
GND
Ground pins
5
OSC
VCO ceramic oscillator pin (456kHz)
7
CLK OUT
Clock output
8
DATA OUT
Data output
9
ID-ADJ
SK detector sensitivity adjustment pin
10
RDS-ID
RDS signal detector indicator output.
Low-level output when an RDS signal is detected, and high-level when not detected.
11
SK-ID
SK signal detector indicator output.
Low-level output when an SK signal is detected, and high-level when not detected.
12
DK-ID
DK signal detector indicator output.
Low-level output when an DK signal is detected, and high-level when not detected.
17
INPUT
Input pin


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA7330BSINGLE CHIP RDS DEMODULATOR FILTER 1 2 3 4 5 MoreSTMicroelectronics
SC6579RADIO DATA SYSTEM RDS DEMODULATOR 1 2 3 4 5 MoreSilan Microelectronics Joint-stock
TDA7479SINGLE CHIP RDS DEMODULATOR FILTER 1 2 3 4 5 MoreSTMicroelectronics
STK311-020RDS Demodulator Synchronization and Error Correction  1 2 3 4 5 MoreSanyo Semicon Device
UPC2539RDS DATA DEMODULATOR IC 1 2 3 4 5 MoreNEC
S1A0905RDS DEMODULATOR IC 1 2 3 4 5 MoreSamsung semiconductor
STK311-050RDS/RBDS Demodulator Synchronization and Error Correction  1 2 3 4 5 MoreSanyo Semicon Device
STK311-120RDS Demodulator 1 2 3 4 5 MoreSanyo Semicon Device
TDA7478SINGLE CHIP RDS DEMODULATOR 1 2 3 4 5 MoreSTMicroelectronics
SAA6579Radio Data System RDS demodulator 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn