Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1502SBLRP Datasheet(PDF) 1 Page - Littelfuse

Part # P1502SBLRP
Description  TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1502SBLRP Datasheet(HTML) 1 Page - Littelfuse

  P1502SBLRP Datasheet HTML 1Page - Littelfuse P1502SBLRP Datasheet HTML 2Page - Littelfuse P1502SBLRP Datasheet HTML 3Page - Littelfuse P1502SBLRP Datasheet HTML 4Page - Littelfuse P1502SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
44
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
TwinChip™ Series - DO-214
TwinChip™ Series DO-214 are very low capacitance
SIDACtor® devices designed to protect broadband
equipment such as VoIP, DSL modems and DSLAMs
from damaging overvoltage transients. This series
provides a surface mount solution that enables
equipment to comply with global regulatory standards,
while limiting the impact to broadband signals.
Electrical Characteristics
Description
TIA/968-A
ITU K.20/21
IEC 61000-4-5
GR 1089 Intra-building
YD/T 1082
YD/T 993
YD/T 950
Applicable Global Standards
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Low distortion
Fails short circuit when
surged in excess of
ratings
40% lower capacitance
than comparable product
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T =2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min
pF max
P0642SALRP
P062A
58
77
120
800
2.2
8
25
45
P0722SALRP
P072A
65
88
120
800
2.2
8
20
45
P0902SALRP
P092A
75
98
120
800
2.2
8
20
40
P1102SALRP
P112A
90
130
120
800
2.2
8
15
35
P1302SALRP
P132A
120
160
120
800
2.2
8
15
35
P1502SALRP
P152A
140
180
120
800
2.2
8
15
30
P1802SALRP
P182A
170
220
120
800
2.2
8
10
30
P2302SALRP
P232A
190
260
120
800
2.2
8
10
25
P2602SALRP
P262A
220
300
120
800
2.2
8
10
25
P3002SALRP
P302A
280
360
120
800
2.2
8
10
25
P3502SALRP
P352A
320
400
120
800
2.2
8
10
20
P4202SALRP
P422A
380
500
120
800
2.2
8
10
20
P4802SALRP
P482A
440
600
120
800
2.2
8
5
20
P6002SALRP
P602A
550
700
120
800
2.2
8
5
20
NOT APPLICABLE
Table continues on next page.


Similar Part No. - P1502SBLRP

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P1502SB SOCAY-P1502SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P1502SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2602GALRP LITTELFUSE-P2602GALRP Datasheet
140Kb / 4P
   TwinChip??Series DO-15 are very low capacitance SIDACtor짰 devices
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com