Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR204 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # FR204
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

FR204 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  FR204 Datasheet HTML 1Page - HY ELECTRONIC CORP. FR204 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Fast switching for high efficiency
Low cost
Diffused junction
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic
Polarity: Color band denotes cathode
Weight: 0.015 ounces , 0.4 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
FR201
FR202
FR203
FR204
FR205
FR206
FR207
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=50 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
Trr
250
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
FR201 thru FR207
FAST RECOVERY RECTIFIERS
REVERSE VOLTAGE -
50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
I(AV)
2.0
A
IFSM
60
A
1.3
IR
5.0
μA
100
150
500
30
20
25
-55 to +125
-55 to +150
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
~ 68 ~
DO-15
DIA
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
DIA.
.140(3.6)
.104(2.6)
1.0(25.4)
MIN.


Similar Part No. - FR204

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR204 SECOS-FR204 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Won-Top Electronics
FR204 WTE-FR204 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR204 HORNBY-FR204 Datasheet
227Kb / 3P
   FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR204 SMC-FR204 Datasheet
165Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR204 TSC-FR204 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR204

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com