Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK311-010 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. STK311-010
Description  RDS Demodulation Synchronization and Error Correction
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo 

STK311-010 Datasheet(HTML) 1 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The STK311-010 is a hybrid integrated circuit (HIC) for
Radio Data System (RDS) applications which must
conform to European Broadcasting Union (EBU) enforced
recommendations. Since the Radio Data System (RDS)
subjects every kind of data to multiplex broadcasting for
FM broadcasts, the STK311-010 functions as a hybrid IC
which demodulates the modulated signal’s data,
previously multiplexed to a RDS signal, matches
synchronization and performs error detection and
correction. By combining SC system and photoresist
technology with folded board construction and
incorporating Sanyo’s unique insulated metal substrate
technology (IMST) to the base, the STK311-010 has
successfully been contained within a low-profile package.
Applications
• Car stereos
• Home stereos
Features
• On-chip 57 kHz BPF provides adjustment-free
performance
• On-chip 4 MHz ceramic oscillator
• Supports RDS data demodulation system designs
incorporating fewer external components
• On-chip ARI-SK/DK decoder
Package Dimensions
unit: mm
4132
Thick-Film Hybrid IC
N3096HA(OT)/10293YO 5-3279No. 4374-1/7
[STK311-010]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
RDS Demodulation + Synchronization and
Error Correction
STK311-010
Ordering number : EN4374A
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6.3
V
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–40 to +100
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
5V
Power supply voltage operating range
VCC OP
4.7 to 5.5
V
Recommended Operational Voltage at Ta = 25°Ct


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn