Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK3062III Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. STK3062III
Description  Thick Film Hybrid Integrated Circuit 2-channel Voltage Amplifier For 60 to 70W AF Power Amplifier  
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK3062III Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK3062III Datasheet HTML 1Page - Sanyo Semicon Device STK3062III Datasheet HTML 2Page - Sanyo Semicon Device STK3062III Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
. The
AC
amp
circuit
configuration
eliminates
the
need
to
use
the
external
middle-point
adjust
circuit.
. External
parts
provide
more
flexibility
in
phase
compensation.
. Low
distortion
(0.005%)
due
to
built-in
current
mirror
circuit.
Maximum
Ratings at
Maximum
Supply
Voltage
Operating
IC
Case
Temperature
TC
Storage
Temperature
Tstg
unit
115
Operating
Characteristics
at
Test
Circuit.
min
typ
max
unit
Current
Dissipation
20
30
Middle-Point
Voltage
-50
Output
Noise
Voltage
1.0
Input
Impedance
kohm
Total
Harmonic
Distortion
THD
0.005
(Note)
When
testing, use
a
regulated
power
supply
unless
otherwise
specified.
Case
Outline
4053
Information
furnished
by
SANYO
is
be-
lieved to be accurate and reliable. However,
no responsibility is assumed by SANYO for
its use; nor for any infringements of patents
or other rights of third parties which may
result from its use, and no license is granted
by
implication
or
otherwise
under
any
patent or patent rights of SANYO.
These specifications are subject to change without notice.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn