Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100ECLXXX Datasheet(PDF) 1 Page - Littelfuse

Part # P3100ECLXXX
Description  SIDACtor짰 Series TO-92 are designed to protect baseband equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100ECLXXX Datasheet(HTML) 1 Page - Littelfuse

  P3100ECLXXX Datasheet HTML 1Page - Littelfuse P3100ECLXXX Datasheet HTML 2Page - Littelfuse P3100ECLXXX Datasheet HTML 3Page - Littelfuse P3100ECLXXX Datasheet HTML 4Page - Littelfuse P3100ECLXXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
158
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Description
SIDACtor® Series - TO-92
SIDACtor® Series TO-92 are designed to protect
baseband equipment such as modems, line cards, CPE
and DSL from damaging overvoltage transients.
The series provides a robust through-hole solution that
enables equipment to comply with global regulatory
standards.
Electrical Characteristics
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min mA max A max
V max
pF min pF max
P0080EALxxx
P0080EA
6
25
50
800
2.2
4
25
150
P0300EALxxx
P0300EA
25
40
50
800
2.2
4
15
140
P0640EALxxx
P0640EA
58
77
150
800
2.2
4
40
60
P0720EALxxx
P0720EA
65
88
150
800
2.2
4
35
60
P0900EALxxx
P0900EA
75
98
150
800
2.2
4
35
55
P1100EALxxx
P1100EA
90
130
150
800
2.2
4
30
50
P1300EALxxx
P1300EA
120
160
150
800
2.2
4
25
45
P1500EALxxx
P1500EA
140
180
150
800
2.2
425
40
P1800EALxxx
P1800EA
170
220
150
800
2.2
425
35
P2300EALxxx
P2300EA
190
260
150
800
2.2
425
35
P2600EALxxx
P2600EA
220
300
150
800
2.2
420
35
P3100EALxxx
P3100EA
275
350
150
800
2.2
420
35
P3500EALxxx
P3500EA
320
400
150
800
2.2
420
35
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
* A/B-rated parts require series resistance
Pin 1
Pin 3
Table continues on next page.


Similar Part No. - P3100ECLXXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100ECL LITTELFUSE-P3100ECL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P3100ECL LITTELFUSE-P3100ECL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P3100ECL HUAXINAN-P3100ECL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P3100ECL HUAXINAN-P3100ECL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P3100ECLRP1 LITTELFUSE-P3100ECLRP1 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
More results

Similar Description - P3100ECLXXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com