Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK98N50P3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFK98N50P3
Description  Polar3 HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK98N50P3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFK98N50P3 Datasheet HTML 1Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 2Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 3Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 4Page - IXYS Corporation IXFK98N50P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXFK98N50P3
IXFX98N50P3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
90
100
01
23
456
VDS - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
VDS - Volts
VGS = 10V
8V
6V
5V
7V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
14
VDS - Volts
5V
6V
4V
VGS = 10V
7V
Fig. 4. RDS(on) Normalized to ID = 49A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 98A
I D = 49A
Fig. 5. RDS(on) Normalized to ID = 49A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
20
40
60
80
100
120
140
160
180
200
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
70
80
90
100
110
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXFK98N50P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK98N50P3 IXYS-IXFK98N50P3 Datasheet
139Kb / 6P
   Power MOSFET
IXFK98N50P3 IXYS-IXFK98N50P3_V01 Datasheet
139Kb / 6P
   Power MOSFET
More results

Similar Description - IXFK98N50P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN110N60P3 IXYS-IXFN110N60P3 Datasheet
130Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
173Kb / 5P
   Polar3 HiperFET Power MOSFET
IXFN132N50P3 IXYS-IXFN132N50P3 Datasheet
130Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFB132N50P3 IXYS-IXFB132N50P3 Datasheet
148Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFK78N50P3 IXYS-IXFK78N50P3 Datasheet
138Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFN80N60P3 IXYS-IXFN80N60P3 Datasheet
136Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFL132N50P3 IXYS-IXFL132N50P3 Datasheet
192Kb / 6P
   Polar3 HiPerFET Power MOSFET
IXFB110N60P3 IXYS-IXFB110N60P3 Datasheet
148Kb / 5P
   Polar3 HiPerFET Power MOSFET
IXFH42N60P3 IXYS-IXFH42N60P3 Datasheet
122Kb / 5P
   Polar3 HiperFET Power MOSFET
IXFK80N60P3 IXYS-IXFK80N60P3 Datasheet
137Kb / 5P
   Polar3 HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com