Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10A100XX Datasheet(PDF) 2 Page - Littelfuse

Part # T10A100XX
Description  T10A Series are SIDACtor짰 devices designed protect baseband
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10A100XX Datasheet(HTML) 2 Page - Littelfuse

  T10A100XX Datasheet HTML 1Page - Littelfuse T10A100XX Datasheet HTML 2Page - Littelfuse T10A100XX Datasheet HTML 3Page - Littelfuse T10A100XX Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDACtor® ProtectionThyristors
177
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Package
Symbol
Parameter
Value
Unit
DO-15
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
120
°C/W
Thermal Considerations
Surge Ratings
Series
I
PP
I
TSM
50/60 Hz
di/dt
8x201
1.2x502
5x3101
10x7002
10x10001
10x10002
A min
A min
A min
A min
A/μs max
A
100
37.5
50
20
100
Electrical Characteristics (continued)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amp
Capacitance
@ 1MHz, 2V Bias
V Min
V Max
mA Min mA Max A Max
V Max
pF Typ
T10A220Bxx
T10A220B
200
275
120
800
2.2
4
30
T10A220Exx
T10A220E
200
275
180
800
2.2
4
30
T10A240xx
T10A240
216
330
150
800
2.2
4
30
T10A270xx
T10A270
245
370
150
800
2.2
4
30
T10A270Bxx
T10A270B
245
370
120
800
2.2
4
30
T10A270Exx
T10A270E
245
370
180
800
2.2
4
30
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
Notes:
A= 25ºC (unless otherwise noted).
XX
RP
Blank (Bulk Pack)
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - T10A100XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A100 LITTELFUSE-T10A100 Datasheet
68Kb / 1P
   Glass passivated junction
T10A100 LITTELFUSE-T10A100 Datasheet
143Kb / 2P
   SIDACtor Devices
logo
TAITRON Components Inco...
T10A100L TAITRON-T10A100L Datasheet
155Kb / 4P
   10 Amp Silicon Rectifiers
More results

Similar Description - T10A100XX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com