Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX65K Datasheet(PDF) 1 Page - Littelfuse

Part # SXX65K
Description  Excellent unidirectional switches for phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX65K Datasheet(HTML) 1 Page - Littelfuse

  SXX65K Datasheet HTML 1Page - Littelfuse SXX65K Datasheet HTML 2Page - Littelfuse SXX65K Datasheet HTML 3Page - Littelfuse SXX65K Datasheet HTML 4Page - Littelfuse SXX65K Datasheet HTML 5Page - Littelfuse SXX65K Datasheet HTML 6Page - Littelfuse SXX65K Datasheet HTML 7Page - Littelfuse SXX65K Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
305
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx65x & Sxx70x Series
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Description
Excellent unidirectional switches for phase control
applications such as heating and motor speed controls.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5V potential.
Features & Benefits
junctions
to 1000 V
950 A
Schematic Symbol
Main Features
Symbol
Value
Unit
I
T(RMS)
65 & 70
A
V
DRM /VRRM
400 to 1000
V
I
GT
50
mA
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Sxx65J
Sxx65K
T
C = 75°C
65
A
Sxx70W
T
C = 80°C
70
I
T(AV)
Average on-state current
Sxx65J
Sxx65K
TC = 75°C
41.0
A
Sxx70W
T
C = 80°C
45.0
A
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
800
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
950
I2tI2t Value for fusing
t
p = 8.3 ms
3745
A2s
di/dt
Critical rate of rise of on-state current
f = 60Hz ; T
J = 125°C
200
A/μs
I
GM
Peak gate current
T
J = 125°C
P
W = μS
5.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
1.0
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Applications
Typical applications are AC solid-state switches, industrial
power tools, exercise equipment, white goods and
commercial appliances.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
AK
G
Agency Approval
Agency
Agency File Number
®
J & K Packages: E71639
®


Similar Part No. - SXX65K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Sxx65x Sxx70x Series
More results

Similar Description - SXX65K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com