Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX10D Datasheet(PDF) 4 Page - Littelfuse

Part # SXX10D
Description  Excellent unidirectional switches for phase control and general switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX10D Datasheet(HTML) 4 Page - Littelfuse

  SXX10D Datasheet HTML 1Page - Littelfuse SXX10D Datasheet HTML 2Page - Littelfuse SXX10D Datasheet HTML 3Page - Littelfuse SXX10D Datasheet HTML 4Page - Littelfuse SXX10D Datasheet HTML 5Page - Littelfuse SXX10D Datasheet HTML 6Page - Littelfuse SXX10D Datasheet HTML 7Page - Littelfuse SXX10D Datasheet HTML 8Page - Littelfuse SXX10D Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
244
Revised: July 29, 2010 09:54 AM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
10 Amp Sensitive & Standard SCRs
Sxx10xSx & Sxx10x Series
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
Sxx10RSy
1.6
°C/W
Sxx10LSy
3.0
Sxx10VSy
1.7
Sxx10DSy
1.45
Sxx10R
1.6
Sxx10L
3.0
Sxx10V
1.7
Sxx10D
1.45
R
(J-A)
Junction to ambient
Sxx10RSy
40
°C/W
Sxx10LSy
65
Sxx10VSy
85
Sxx10R
40
Sxx10L
50
Sxx10V
70
Note: xx = voltage, y = sensitivity
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature (Sensitive SCR)
Figure 2: Normalized DC Gate Trigger Current
vs. Junction Temperature (Standard SCR)
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
125
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)


Similar Part No. - SXX10D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Sxx12D LITTELFUSE-Sxx12D Datasheet
738Kb / 9P
   RoHS compliant
SXX12DRP LITTELFUSE-SXX12DRP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DRP LITTELFUSE-Sxx12DRP Datasheet
738Kb / 9P
   RoHS compliant
SXX12DTP LITTELFUSE-SXX12DTP Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
Sxx12DTP LITTELFUSE-Sxx12DTP Datasheet
738Kb / 9P
   RoHS compliant
More results

Similar Description - SXX10D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com