Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXX35K Datasheet(PDF) 4 Page - Littelfuse

Part # SXX35K
Description  Excellent unidirectional switches for phase control applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SXX35K Datasheet(HTML) 4 Page - Littelfuse

  SXX35K Datasheet HTML 1Page - Littelfuse SXX35K Datasheet HTML 2Page - Littelfuse SXX35K Datasheet HTML 3Page - Littelfuse SXX35K Datasheet HTML 4Page - Littelfuse SXX35K Datasheet HTML 5Page - Littelfuse SXX35K Datasheet HTML 6Page - Littelfuse SXX35K Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
282
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
35 Amp Standard SCRs
Sxx35x Series
10
100
1000
1
10
100
1000
Surge Current Duration -- Full Cycles
Figure 7: Maximum Allowable Case Temperature vs.
Average On-State Current
105
80
85
90
95
100
110
115
120
125
130
0
5
10
15
20
25
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
Average On-State Current [I
T(AVE)] - Amps
Figure 8: Peak Capacitor Discharge Current
Figure 9: Peak Capacitor Discharge Current Derating
10
100
1000
0.5
1.0
10.0
50.0
Pulse Current Duration (t
w) - ms
I
TRM
t
W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0255075
100
125
150
Case Temperature (T
C) - °C
Figure 10: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Value at Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.


Similar Part No. - SXX35K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS2 LITTELFUSE-SXX04DS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS1 LITTELFUSE-SXX04VS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04VS2 LITTELFUSE-SXX04VS2 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06D LITTELFUSE-SXX06D Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
More results

Similar Description - SXX35K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08XSX LITTELFUSE-SXX08XSX Datasheet
793Kb / 11P
   Excellent unidirectional switches for phase control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com